| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
61S-161-R bảng dữ liệu(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
61S-161-R bảng dữ liệu(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 5 page ![]() MODEL: 61S 61S SPECIFICATIONS ES-6637 Rev.2 Page 5/5 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS unit: mm (inch) 50 (1.97) 103 (4.06) 38 min (1.50) 12 (.47) 2-M3 SCREW SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM A Control Circuit B C D E F Ry TERMINATING RESISTOR TWISTED-PAIR RUN CONTACT OUTPUT + − Transceiver * When the unit is located at the end of transmission line via twisted-pair cable (= no cross-wiring), short across terminals C - D with the jumper pin (or wire) provided with the unit. Remove the jumper pin for the one not located at the end. JUMPER PIN* SERIAL TRANSMISSION LINE Modular Jack for Factory Calibration MODULAR JACK To Installation Base Station No. Setting Rotary Switches Indicator LED A/D or D/A Converter Isolation TO OTHER SIN-NET DEVICES Specifications are subject to change without notice. |