| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
40DCT bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
40DCT bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 7 page ![]() MODEL: 40DCT 40DCT SPECIFICATIONS ES-9538 Rev.8 Page 4/7 https://www.m-system.co.jp/ PARAMETER LIST ■ SCALING SETTING MODE A1 A2 A3 A4 A5 A1 A2 A3 A4 A5 A1 A2 A3 A4 A5 Input value to be set as Zero in the measurement range – – Display value for input scaling value B Low-end cutout OFF Low-end cutout ON Absolute value low-end cutout ON Low-end cutout value setting Display value for input scaling value A Decimal point position 4th LSD – 2nd LSD, none FUNCTION DEFAULT VALUE INPUT CODE DISPLAY ITEM DISPLAY A1 A2 A3 A4 A5 A1 A2 A3 A4 A5 – – PARAMETER Decimal Point Position Low-end cutout value Input Scaling Value A Input Scaling Value B Display Scaling Value A Display Scaling Value B Low-end cutout – – – – ( ( Input value to be set as Full Scale in the measurement range *1. For input code ‘A4’ *2. For input code ‘A5’ *3. Input signal less than the preset cutout value is forcibly cut to display scaling value “zero”. Use when minus value is not required. Lower 3 digits of displayed value are set regardless of decimal point position. Note: With the low-end cutout or absolute value low-end cutout set to ON, the low-end cutout value setting is valid. – *1 *1 ) ) – ( *2 ) – ( *2 ) *3 *3 |