công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FFSPF1065A bảng dữ liệu(PDF) 13 Page - ON Semiconductor

tên linh kiện FFSPF1065A
Giải thích chi tiết về linh kiện  Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FFSPF1065A bảng dữ liệu(HTML) 13 Page - ON Semiconductor

Back Button FFSPF1065A Datasheet HTML 9Page - ON Semiconductor FFSPF1065A Datasheet HTML 10Page - ON Semiconductor FFSPF1065A Datasheet HTML 11Page - ON Semiconductor FFSPF1065A Datasheet HTML 12Page - ON Semiconductor FFSPF1065A Datasheet HTML 13Page - ON Semiconductor FFSPF1065A Datasheet HTML 14Page - ON Semiconductor FFSPF1065A Datasheet HTML 15Page - ON Semiconductor FFSPF1065A Datasheet HTML 16Page - ON Semiconductor FFSPF1065A Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
EVBUM2709/D
www.onsemi.com
13
IPM Stage
This
stage uses NFAQ1060L36T IPM for 3−phase motor
drives containing three−phase inverter, gate drivers for the
inverter and a thermistor. It uses ON Semiconductor
’s
Insulated Metal Substrate (IMS) Technology. Very
important function is over−current protection which is
deeply described in chapter – Current Measurement and
Over−Current Protection. Module also contains fault pin
which is keeping high level during normal state. Activation
of IPM stage (connection to 15 V DC power supply) is via
J1 (soldered pads). In the figure 15 is shown schematics of
IPM stage also with DC link voltage measurement (voltage
divider containing R46, R52, R53 and R55). Signals from
39 m
W shunt resistors are going to current measurement and
over−current protection circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com