công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ESD18AL bảng dữ liệu(PDF) 1 Page - Rectron Semiconductor

tên linh kiện ESD18AL
Giải thích chi tiết về linh kiện  Common Anode Zeners for ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECTRON [Rectron Semiconductor]
Trang chủ  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ESD18AL bảng dữ liệu(HTML) 1 Page - Rectron Semiconductor

  ESD18AL Datasheet HTML 1Page - Rectron Semiconductor ESD18AL Datasheet HTML 2Page - Rectron Semiconductor ESD18AL Datasheet HTML 3Page - Rectron Semiconductor ESD18AL Datasheet HTML 4Page - Rectron Semiconductor ESD18AL Datasheet HTML 5Page - Rectron Semiconductor ESD18AL Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The dual monolithic silicon Zener diodes are
designed
for
applications
requiring
transient
overvoltage
protection
capability.
They
are
intended for use in voltage and ESD sensitive
equipment such as computers, printers, business
machines,
communication
systems,
medical
equipment and other applications. Their dual
junction common anode design protects two
separate lines using only one package. These
devices ideal for situations where board space is
at a premium.
SOT-23 package allows either two separate
unidirectional
configurations
or
a
single
bidirectional configuration.
Working peak reverse voltage 3V to 22V
Standard Zener breakdown voltage 5.6V to 27V
Peak power 24 or Watts @ 1.0ms (unidirectional)
per Figure 6 Waveform
ESD Rating:
Class 3B (>16kV) per the Human Body Model
Class C (>400V) per Machine Model
ESD Rating of IEC61000-4-2 level 4,
30kV
contact Discharge
Low leakage < 5.0 A
SOT-23 package
Flammability Rating: UL 94V-0
Packaging: Tape and Reel
High temperature soldering guaranted:260
/10s
Reel size: 7 inch
Device: ESDxxxAL Series
Package: SOT-23
Material: RoHS Compliant
Packing: Tape & Reel
Quantity per reel: 3,000pcs
Computers
Printers
Business Machines
Communication systems
Medical equipment
Common Anode Zeners for ESD Protection
ESDxxxALV
DESCRIPTION
MACHANICAL DATA
ORDERING INFORMATION
APPLICATIONS
PIN CONFIGURATION
PACKAGE OUTLINE
FEATURES
— P/N suffix V means AEC-Q101 qualified,
e.g:ESD5V6ALV
2020-11/01
REV:O


Số phần tương tự - ESD18AL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
ESD18AL RECTRON-ESD18AL Datasheet
754Kb / 6P
Common Anode Zeners for ESD Protection
More results

Mô tả tương tự - ESD18AL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NZL5V1AXV3T1 ONSEMI-NZL5V1AXV3T1 Datasheet
68Kb / 6P
Zener Voltage Regulators (SC-89 Dual Common Anode Zeners for ESD Protection)
June, 2003 - Rev. 0
NZL5V6ATT1 ONSEMI-NZL5V6ATT1 Datasheet
122Kb / 4P
SC75 Dual Common Anode Zener for ESD Protection
May, 2006 ??Rev. 3
MA3075WALT1 ONSEMI-MA3075WALT1_05 Datasheet
54Kb / 4P
Zener Transient Voltage Suppressor SOT??3 Dual Common Anode Zeners for ESD Protection
December, 2005 ??Rev. 2
NZ23C5V6ALT1G ONSEMI-NZ23C5V6ALT1G Datasheet
150Kb / 7P
24 Watt Peak Power Zener Transient Voltage Suppressors SOT??3 Dual Common Anode Zeners for ESD Protection
December, 2009 ??Rev. 0
logo
Diodes Incorporated
DMF05LCFLP DIODES-DMF05LCFLP Datasheet
82Kb / 4P
FIVE ELEMENT COMMON ANODE ESD-PROTECTION DIODE ARRAY
DS32004 Rev. 3 - 2
logo
Isahaya Electronics Cor...
INTB18VAC1 ISAHAYA-INTB18VAC1 Datasheet
429Kb / 3P
FOR ESD PROTECTION SILICON EPITAXIAL TYPE(COMMON ANODE)
logo
Rectron Semiconductor
ESDXXXAL RECTRON-ESDXXXAL Datasheet
754Kb / 6P
Common Anode Zeners for ESD Protection
TEPXXCL RECTRON-TEPXXCL Datasheet
535Kb / 6P
Common Cathode Zeners for ESD Protection
logo
TECH PUBLIC Electronics...
MMBZ27VALT1G TECHPUBLIC-MMBZ27VALT1G Datasheet
996Kb / 4P
Dual Common Anode zeners for ESD Protection
logo
Guangdong Youtai Semico...
MMBZXXXALT1G UMW-MMBZXXXALT1G Datasheet
546Kb / 5P
Common Anode Zeners for ESD Protection
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com