công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VT82C686B bảng dữ liệu(PDF) 21 Page - List of Unclassifed Manufacturers

tên linh kiện VT82C686B
Giải thích chi tiết về linh kiện  PCI Super-I/O Integrated Peripheral Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

VT82C686B bảng dữ liệu(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button VT82C686B Datasheet HTML 17Page - List of Unclassifed Manufacturers VT82C686B Datasheet HTML 18Page - List of Unclassifed Manufacturers VT82C686B Datasheet HTML 19Page - List of Unclassifed Manufacturers VT82C686B Datasheet HTML 20Page - List of Unclassifed Manufacturers VT82C686B Datasheet HTML 21Page - List of Unclassifed Manufacturers VT82C686B Datasheet HTML 22Page - List of Unclassifed Manufacturers VT82C686B Datasheet HTML 23Page - List of Unclassifed Manufacturers VT82C686B Datasheet HTML 24Page - List of Unclassifed Manufacturers VT82C686B Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
VT82C686B
Revision 1.71 June 9, 2000
-15-
Pinouts
7HFKQRORJLHV ,QF
'HOLYHULQJ 9DOXH
'HOLYHULQJ 9DOXH
Floppy Disk Interface
Signal Name
Pin #
I/O
Signal Description
DRVDEN0
D9
O
Drive Density Select 0.
DRVDEN1
D6
O
Drive Density Select 1.
MTR0#
E9
O
Motor Control 0. Select motor on drive 0.
MTR1#
C8
O
Motor Control 1. Select motor on drive 1
DS0#
B8
O
Drive Select 0. Select drive 0.
DS1#
A8
O
Drive Select 1. Select drive 1
DIR#
D8
O
Direction. Direction of head movement (0 = inward motion, 1 = outward motion)
STEP#
E8
O
Step. Low pulse for each track-to-track movement of the head.
INDEX#
D7
I
Index. Sense to detect that the head is positioned over the beginning of a track
HDSEL#
C7
O
Head Select. Selects the side for R/W operations (0 = side 1, 1 = side 0)
TRK00#
E7
I
Track 0. Sense to detect that the head is positioned over track 0.
RDATA#
B6
I
Read Data. Raw serial bit stream from the drive for read operatrions.
WDATA#
A7
O
Write Data. Encoded data to the drive for write operations.
WGATE#
B7
O
Write Gate. Signal to the drive to enable current flow in the write head.
DSKCHG#
C6
I
Disk Change.
Sense that the drive door is open or the diskette has been changed
since the last drive selection.
WRTPRT#
A6
I
Write Protect. Sense for detection that the diskette is write protected (causes write
commands to be ignored)
FDCIRQ / DACK2#
/ USBOC0# / GPO25
G5
I
FDC Interrupt Request. Rx75[2] = 0.
FDCDRQ / DRQ2
/ USBOC1# / GPO24
/ SERIRQ
H3
I
FDC DMA Request. Rx75[3] = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More