| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
18BXE-K2-R bảng dữ liệu(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
18BXE-K2-R bảng dữ liệu(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 6 page ![]() MODEL: 18BXE http://www.m-system.co.jp/ 18BXE SPECIFICATIONS ES-1806 Rev.9 Page 5/6 18-RACK LOCATION NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 AZBIL DCS AO CONNECTOR •Azbil DCS AO connector I/O cable : J-RSL / J-RSK J-RRL / J-RRK Location Output connector : 57GE-40500-751 CN1, CN2 : J-AOM10 module use The input is connected to the connector. The CN1 and CN2 are connected in parallel. Install the Extender Module (model: 18BW) to unused channels in order to close the circuit. •Azbil DCS AI connector I/O cable: J-SSL / J-SSK J-SRL / J-SRK Location Input connector: 00-8016-056-296-707V CN1, CN2: J-HAM50 / J-HMM00 module use The output 1 is connected to the connector. The CN1 and CN2 are connected in parallel. 18-RACK LOCATION NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 AZBIL DCS AI CONNECTOR 18-RACK LOCATION NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 AZBIL DCS AO CONNECTOR I/O cable: J-SSL / J-SSK J-SRL / J-SRK Location Output connector: 00-8016-056-296-707V CN1, CN2: J-AOM10 module use The input is connected to the connector. The CN1 and CN2 are connected in parallel. Install the Extender Module (model: 18BW) to unused channels in order to close the circuit. •Azbil DCS AO connector Location Output connector: HIF3CA-40PA-2.54DSA (11) CN1, CN2: SAMP1 CN3, CN4: SAMP1 for redundancy The output 1 is connected to the connector. 18-RACK LOCATION NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 CN1, CN3 CN2, CN4 SAMP1 INPUT POINT NO. •Toshiba DCS SAMP1 card use Location Input connector: HIF3CA-40PA-2.54DSA (11) CN1, CN2: SAOP1 CN3, CN4: SAOP1 for redundancy The input is connected to the connector. 18-RACK LOCATION NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 CN1, CN3 CN2, CN4 SAOP1 OUTPUT POINT NO. •Toshiba DCS SAOP1 card use Location Input connector: Omron XG4A-2031 The output 1 is connected to the connector. 18-RACK LOCATION NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 CN1, CN2 CN3, CN4 SAIN1 INPUT POINT NO. Toshiba DCS SAMP1 uses Panasonic AXM220001. As connector is discontinued, Omron XG4A-2031 is used as an alternative. (Replace cable side.) CN1 : SAIN1 (ch.1 – ch.8) CN2 : SAIN1 (ch.1 – ch.8) for redundancy CN3 : SAIN1 (ch.9 – ch.16) CN4 : SAIN1 (ch.9 – ch.16) for redundancy •Toshiba DCS SAIN1 card use |