công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M2004-01 bảng dữ liệu(PDF) 10 Page - Integrated Circuit Systems

tên linh kiện M2004-01
Giải thích chi tiết về linh kiện  Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2004-01 bảng dữ liệu(HTML) 10 Page - Integrated Circuit Systems

Back Button M2004-01 Datasheet HTML 2Page - Integrated Circuit Systems M2004-01 Datasheet HTML 3Page - Integrated Circuit Systems M2004-01 Datasheet HTML 4Page - Integrated Circuit Systems M2004-01 Datasheet HTML 5Page - Integrated Circuit Systems M2004-01 Datasheet HTML 6Page - Integrated Circuit Systems M2004-01 Datasheet HTML 7Page - Integrated Circuit Systems M2004-01 Datasheet HTML 8Page - Integrated Circuit Systems M2004-01 Datasheet HTML 9Page - Integrated Circuit Systems M2004-01 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Micro Networks
324 Clark Street
Worcester, MA 01606
tel: 508-852-5400
fax: 508-852-8456
www.micronetworks.com
M2004-01
Preliminary Specifications
10
Micro Networks
An Integrated Circuit Systems Company
MECHANICAL DIMENSIONS & PIN CONFIGURATION
Pin#
Designation
1
GND
2
GND
3
GND
4
OP_IN
5
nOP_OUT
6
nVC
7VC
8
OP_OUT
9
nOP_IN
10
GND
11
VDD
12
NO
13
N1
14
GND
15
FOUT
16
nFOUT
17
MR
Pin#
Designation
18
S_CLOCK
19
VDD
20
S_DATA
21
S_LOAD
22
nP_LOAD
23
REF_CLK1
24
REF_CLK0
25
REF_SEL
26
GND
27
M0
28
M1
29
M2
30
M3
31
M4
32
M5
33
VDD
34, 35, 36
N/C
ORDERING INFORMATION
Dimensions are in inches, (dimensions) are in mm.
PART NUMBER
M2004-01-622.0800
Series
Model
VCSO Center Frequency
(i.e. 622.0800MHz)
Available VCSO Frequencies
622.0800
669.1281
625.0000
669.3266
627.3296
672.1600
644.5313
690.5692
666.5143
693.4830
Micro Networks
An Integrated Circuit Systems Company
324 Clark Street Worcester, MA 01606 tel: 508-852-5400 fax: 508-852-8456
European Sales Headquarters
Hertogsingel 20
6214 AD Maastricht
The Netherlands
tel: +31-43-32-70912
fax: +31-43-32-70715
www.micronetworks.com
Rev. 13.0
Micro Networks makes no assertion or warranty that the circuitry and the uses thereof
disclosed herein are non-infringing on any valid US or foreign patents. Micro Networks
assumes no liability as a result of the use of said specifications and reserves the right to
make changes to specifications without notice. Contact your nearest Micro Networks
sales representative office for the latest specifications.
ORIENTATION TAB
[]
.354 [9.0]
.200 [5.1]
R.006 [R0.2]
.025 [0.6]
Pin #1
C
#36
L
.041 [1.0]
.007 [0.2]
C
CLL
#10
.354 [9.0]
#28
#27
#19
#18
.110 [2.8]



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com