| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP5910-1.2PYCPR bảng dữ liệu(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5910-1.2PYCPR bảng dữ liệu(HTML) 18 Page - Texas Instruments |
|
18 / 31 page ![]() 10 Layout 10.1 Layout Guidelines The dynamic performance of the LP5910 is dependant on the layout of the PCB. PCB layout practices that are adequate for typical LDOs may degrade the PSRR, noise, or transient performance of the LP5910. Best performance is achieved by placing CIN and COUT on the same side of the PCB as the LP5910 device, and as close as is practical to the package. The ground connections for CIN and COUT must be back to the LP5910 GND pin using as wide and as short of a copper trace as is practical. Avoid connections using long trace lengths, narrow trace widths, and/or connections through vias. These add parasitic inductances and resistance that results in inferior performance especially during transient conditions. 10.1.1 DSBGA Mounting The DSBGA package requires specific mounting techniques, which are detailed in the DSBGA Wafer Level Chip Scale Package application note. For best results during assembly, alignment ordinals on the PC board may be used to facilitate placement of the DSBGA device. 10.1.2 DSBGA Light Sensitivity Exposing the DSBGA device to direct light may cause incorrect operation of the device. High intensity light sources such as halogen lamps can affect electrical performance if they are situated in close proximity to the device. The wavelengths that have the most detrimental effect are reds and infra-reds, which means that the fluorescent lighting used inside most buildings has little effect on performance. 10.2 Layout Examples C IN C OUT OUT IN GND EN A2 B2 A1 B1 Via Figure 10-1. LP5910 Typical DSBGA Layout 1 2 3 6 5 4 OUT NC GND IN NC EN C OUT C IN Figure 10-2. LP5910 Typical WSON Layout LP5910 SNVSA91F – SEPTEMBER 2015 – REVISED APRIL 2021 www.ti.com 18 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: LP5910 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |