công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMDF3N04HDR2 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MMDF3N04HDR2
Giải thích chi tiết về linh kiện  Power MOSFET 3 Amps, 40 Volts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF3N04HDR2 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MMDF3N04HDR2 Datasheet HTML 1Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 2Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 3Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 4Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 5Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 6Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 7Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 8Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MMDF3N04HD
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(Cpk
≥ 2.0) (Notes 4 & 6)
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
40
−
−
4.3
−
−
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 40 Vdc, VGS = 0 Vdc)
(VDS = 40 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−
−
0.015
0.15
2.5
10
mAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
−
0.013
500
nAdc
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
(Cpk
≥ 2.0) (Notes 4 & 6)
(VDS = VGS, ID = 0.25 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
−
2.0
4.9
3.0
−
Vdc
mV/
°C
Static Drain−to−Source On−Resistance
(Cpk
≥ 2.0) (Notes 4 & 6)
(VGS = 10 Vdc, ID = 3.4 Adc)
(VGS = 4.5 Vdc, ID = 1.7 Adc)
RDS(on)
−
−
55
79
80
100
m
W
Forward Transconductance (VDS = 3.0 Vdc, ID = 1.7 Adc)
(Note 4)
gFS
2.0
4.5
−
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
32 Vd
V
0Vd
Ciss
−
450
900
pF
Output Capacitance
(VDS = 32 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
−
130
230
Transfer Capacitance
f = 1.0 MHz)
Crss
−
32
96
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
td(on)
−
9.0
18
ns
Rise Time
(VDD = 20 Vdc, ID = 3.4 Adc,
tr
−
15
30
Turn−Off Delay Time
(VDD
20 Vdc, ID
3.4 Adc,
VGS = 10 Vdc, RG = 6 W) (Note 4)
td(off)
−
28
56
Fall Time
tf
−
19
38
Turn−On Delay Time
td(on)
−
13
26
ns
Rise Time
(VDD = 20 Vdc, ID = 1.7 Adc,
tr
−
77
144
Turn−Off Delay Time
(VDD
20 Vdc, ID
1.7 Adc,
VGS = 4.5 Vdc, RG = 6 W) (Note 4)
td(off)
−
17
34
Fall Time
tf
−
20
40
Gate Charge
QT
−
13.9
28
nC
(VDS = 40 Vdc, ID = 3.4 Adc,
Q1
−
2.1
−
(VDS
40 Vdc, ID
3.4 Adc,
VGS = 10 Vdc) (Note 4)
Q2
−
3.7
−
Q3
−
5.4
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 3.4 Adc, VGS = 0 Vdc) (Note 4)
(IS = 3.4 Adc, VGS = 0 Vdc,
TJ = 125°C)
VSD
−
−
0.87
0.8
1.5
−
Vdc
Reverse Recovery Time
(I
34Ad
V
0Vd
trr
−
27
−
ns
(IS = 3.4 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms) (Note 4)
ta
−
20
−
dIS/dt = 100 A/ms) (Note 4)
tb
−
7.0
−
Reverse Recovery Storage Charge
QRR
−
0.03
−
mC
4. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
5. Switching characteristics are independent of operating junction temperature.
6.
Reflects typical values.
Cpk =
Max limit − Typ
3 x SIGMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com