| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9DB102GLFT bảng dữ liệu(PDF) 7 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9DB102GLFT bảng dữ liệu(HTML) 7 Page - Integrated Circuit Systems |
|
7 / 10 page ![]() 7 Integrated Circuit Systems, Inc. ICS9DB102 0852C—09/12/05 SMBus Table: Vendor & Revision ID Register Pin # Name Control Function Type0 1 PWD Bit 7 RID3 R - - 0 Bit 6 RID2 R - - 0 Bit 5 RID1 R - - 0 Bit 4 RID0 R - - 0 Bit 3 VID3 R - - 0 Bit 2 VID2 R - - 0 Bit 1 VID1 R - - 0 Bit 0 VID0 R - - 1 SMBus Table: DEVICE ID Pin # Name Control Function Type0 1 PWD Bit 7 R 0 Bit 6 R 0 Bit 5 R 0 Bit 4 R 0 Bit 3 R 0 Bit 2 R 1 Bit 1 R 1 Bit 0 R 0 SMBus Table: Byte Count Register Pin # Name Control Function Type 0 1 PWD Bit 7 BC7 RW - - 0 Bit 6 BC6 RW - - 0 Bit 5 BC5 RW - - 0 Bit 4 BC4 RW - - 0 Bit 3 BC3 RW - - 0 Bit 2 BC2 RW - - 1 Bit 1 BC1 RW - - 1 Bit 0 BC0 RW - - 0 - - - - Byte 5 - Writing to this register will configure how many bytes will be read back, default is 06 = 6 bytes. - - - - - - - Byte 4 - - - - - VENDOR ID - - - - - - - Byte 3 - REVISION ID - - - - - Device ID = 06 Hex - - |