công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79R251JC bảng dữ liệu(PDF) 1 Page - Advanced Micro Devices

tên linh kiện AM79R251JC
Giải thích chi tiết về linh kiện  Intelligent Subscriber Line Interface Circuit (ISLIC)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R251JC bảng dữ liệu(HTML) 1 Page - Advanced Micro Devices

  AM79R251JC Datasheet HTML 1Page - Advanced Micro Devices AM79R251JC Datasheet HTML 2Page - Advanced Micro Devices AM79R251JC Datasheet HTML 3Page - Advanced Micro Devices AM79R251JC Datasheet HTML 4Page - Advanced Micro Devices AM79R251JC Datasheet HTML 5Page - Advanced Micro Devices AM79R251JC Datasheet HTML 6Page - Advanced Micro Devices AM79R251JC Datasheet HTML 7Page - Advanced Micro Devices AM79R251JC Datasheet HTML 8Page - Advanced Micro Devices AM79R251JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Pub. # 22480
Rev: C
Amendment: /0
Issue Date: December 1999
Intelligent Access™ Voice Solutions
Am79R251
Intelligent Subscriber Line Interface Circuit (ISLIC™)
DISTINCTIVE CHARACTERISTICS
s Monitor of two-wire interface voltages and
currents supports
— Voice transmission
— Through chip ring generation
— Programmable DC feed characteristics
— Independent of battery
— Current limited
— Selectable off-hook and ground-key thresholds
— Subscriber line diagnostics
— Leakage resistance
— Loop resistance
— Line capacitance
— Bell capacitance
— Foreign voltage sensing
— Power cross and fault detection
s Supports internal and external ringing
— High voltage operation supports long loops
s +5 V and battery supplies
s Dual battery operation for system power saving
— Automatic battery switching
— Intelligent thermal management
s Compatible with inexpensive protection
networks
— Accommodates low tolerance fuse resistors or
PTC thermistors
s Metering capable
— 12 kHz and 16 kHz
— Smooth polarity reversal
s Tip-open state supports ground start signaling
s Integrated test load switches/relay drivers
BLOCK DIAGRAM
Two-Wire
Interface
BGND
VCC
GND
Signal
Transmission
Gain/Level Shift
Longitudinal
Control
Attenuator
Thermal
Management
Control
Fault
Meas
Signal
Conditioning
Switch
Driver
Relay
Drivers
Relay
Driver 1
Input Decoder and
Control Registers
Relay Control
AD
SA
BD
SB
HPB
HPA
TMN
TMP
VBL
VBH
R2
R3
RYE
R1
TMS
VBP
IMT
ILG
VREF
VSAB
VLB
VTX
RSN
CREF
LD
P3
P2
P1


Số phần tương tự - AM79R251JC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
Ringing Subscriber Line Interface Circuit
AM79R70 AMD-AM79R70 Datasheet
355Kb / 20P
Ringing Subscriber Line Interface Circuit
AM79R70-1JC AMD-AM79R70-1JC Datasheet
271Kb / 17P
Ringing Subscriber Line Interface Circuit
AM79R70-1JC AMD-AM79R70-1JC Datasheet
355Kb / 20P
Ringing Subscriber Line Interface Circuit
AM79R70-1SC AMD-AM79R70-1SC Datasheet
355Kb / 20P
Ringing Subscriber Line Interface Circuit
More results

Mô tả tương tự - AM79R251JC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
logo
List of Unclassifed Man...
AM79231 ETC1-AM79231 Datasheet
278Kb / 28P
Intelligent Subscriber Line Interface Circuit (ISLIC)
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com