công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CRA2512-FZ-R075ELF bảng dữ liệu(PDF) 25 Page - ON Semiconductor

tên linh kiện CRA2512-FZ-R075ELF
Giải thích chi tiết về linh kiện  Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CRA2512-FZ-R075ELF bảng dữ liệu(HTML) 25 Page - ON Semiconductor

Back Button CRA2512-FZ-R075ELF Datasheet HTML 20Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 21Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 22Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 23Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 24Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 25Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 26Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 27Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
EVBUM2775/D
www.onsemi.com
25
GRAPHICAL USER INTERFACE
Open loop operation (V/F)
In order to facilitate fast evaluation of the power stage, the
user can select open loop operation option within the GUI
menu.
FOC closed loop operation
Modern control drives implement the well−known Field
Oriented Control (FOC) control−strategy; FOC provides
efficient motor−drive for a wide range of motor−speeds, fast
dynamic response, a low harmonic content of currents, and
reduced losses [8−10].
In general, the implementation of FOC requires at least:
1 Timer
4 ADC channels (see Note below)
USART/SPI for communications
Capture/PWM
FOC should achieve:
High control bandwidth
Low current distortion
Control capability at low speeds
Figure 26. Graphical User Interface for Controlling the Motor in the Open Loop
NOTE:
One channel for the voltage level of the VSI H−Bridge, and three channels for the – three – phase currents that flow
towards the motor. However, it is possible to implement the FOC strategy with only three ADC channels (two
channels for current and one channel for the voltage), as we can measure two−phase currents and mathematically
calculate the third one. That implementation requires one shunt−resistor less. Compact IPM, thought, comes
already with three shunt−resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28