| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TCS-0A-C/E bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
TCS-0A-C/E bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: TCS TCS SPECIFICATIONS ES-1331-E Rev.16 Page 4/4 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS unit: mm (inch) 3 4 5 6 2 1 8 7 50 (1.97) 107 (4.21) 127 (5) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. TERMINAL ASSIGNMENTS unit: mm (inch) 5 6 2 1 8 7 3 4 CJC SENSOR (model: CJM) SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Isolation * Base Socket S Z Option /E, E2 Deleted with B thermocouple Option /E2 Low Drift Amplifier Output Driver 1 2 7 8 + T / C CJC SENSOR metal leg model: CJM comp. leadwire 3 5 4 + 6 Linearizer CJC Sensing Volt. Generator ** LOOP TEST SELECTOR *** * ** *** + – OUTPUT U(+) V(–) POWER – – Specifications are subject to change without notice. |