công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47FXB0XT-EST bảng dữ liệu(PDF) 52 Page - Microchip Technology

tên linh kiện MCP47FXB0XT-EST
Giải thích chi tiết về linh kiện  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB0XT-EST bảng dữ liệu(HTML) 52 Page - Microchip Technology

Back Button MCP47FXB0XT-EST Datasheet HTML 48Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 49Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 50Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 51Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 52Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 53Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 54Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 55Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 52
 2020 Microchip Technology Inc.
3.7
I2C - Serial Data Pin (SDA)
The SDA pin is the serial data pin of the I2C interface.
The SDA pin is used to write or read the DAC registers
and Configuration bits. The SDA pin is an open-drain,
N-channel driver. Therefore, it needs an external
pull-up resistor from the VDD line to the SDA pin. Except
for Start and Stop conditions, the data on the SDA pin
must be stable during the high period of the clock. The
High or Low state of the SDA pin can only change when
the clock signal on the SCL pin is low. See Section 6.0
“I2C Serial Interface Module”.
3.8
A0 and A1 Slave Address Bits
These pins control the last two bits of the I2C address.
Connect them to VDD to make the corresponding
address bit a ‘1’, or to VSS for a ‘0’. See Section 6.8
“Device I2C Slave Addressing” and Register 4-5 for
more details.
3.9
No Connect (NC)
The NC pins are not connected to the device.
3.10
Exposed Pad
This pad is conductively connected to the device's
substrate. It should be tied to the same potential as the
VSS pin (or left unconnected). This pad could be used
to assist in heat dissipation for the device, when con-
nected to a PCB heat sink. The pad is only present on
the VQFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com