công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD301B bảng dữ liệu(PDF) 43 Page - Microchip Technology

tên linh kiện UPD301B
Giải thích chi tiết về linh kiện  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301B bảng dữ liệu(HTML) 43 Page - Microchip Technology

Back Button UPD301B Datasheet HTML 37Page - Microchip Technology UPD301B Datasheet HTML 38Page - Microchip Technology UPD301B Datasheet HTML 39Page - Microchip Technology UPD301B Datasheet HTML 40Page - Microchip Technology UPD301B Datasheet HTML 41Page - Microchip Technology UPD301B Datasheet HTML 42Page - Microchip Technology UPD301B Datasheet HTML 43Page - Microchip Technology UPD301B Datasheet HTML 44Page - Microchip Technology UPD301B Datasheet HTML 45Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
2020 Microchip Technology Inc.
DS00003412A-page 43
UPD301B/C
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
UPD301B = No dead battery Rd terminations
UPD301C = Dead battery Rd terminations
Tape and Reel
Option:
Blank = Standard packaging (tray)
T
= Tape and Reel (Note 1)
Temperature
Range:
Blank =
0C to +70C (Commercial)
I
= -40C to +85C (Industrial/Automotive Grade 3)
Package:
KYX
= 40-pin VQFN
Automotive Code: Vxx = 3 character code with “V” prefix,
specifying automotive grade 3 product.
Examples:
a)
UPD301B/KYX
No Rd terminations, standard packaging,
0C to +70C, 40-pin VQFN package
b)
UPD301BT/KYX
No Rd terminations, Tape and Reel,
0C to +70C, 40-pin VQFN package
c)
UPD301B-I/KYX
No Rd terminations, Standard packaging,
-40C to +85C, 40-pin VQFN package
d)
UPD301BT-I/KYX
No Rd terminations, Tape and Reel,
-40C to +85C, 40-pin VQFN package
e)
UPD301B-I/KYXVAO
No Rd terminations, Standard packaging,
-40C to +85C, 40-pin VQFN package,
Automotive Grade 3
f)
UPD301C/KYX
Rd terminations, standard packaging,
0C to +70C, 40-pin VQFN package
g)
UPD301CT/KYX
Rd terminations, Tape and Reel,
0C to +70C, 40-pin VQFN package
h)
UPD301C-I/KYX
Rd terminations, Standard packaging,
-40C to +85C, 40-pin VQFN package
i)
UPD301CT-I/KYX
Rd terminations, Tape and Reel,
-40C to +85C, 40-pin VQFN package
j)
UPD301C-I/KYXVAO
Rd terminations, Standard packaging,
-40C to +85C, 40-pin VQFN package,
Automotive Grade 3
Note 1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package.
Check with your Microchip Sales Office for
package availability with the Tape and Reel
option.
PART NO.
[X]
/XX
Package
Temp.
Device
[X]( 1)
Tape & Reel
Option
Range
[XXX]
Automotive
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45