công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HV53001 bảng dữ liệu(PDF) 21 Page - Microchip Technology

tên linh kiện HV53001
Giải thích chi tiết về linh kiện  16-Channel, 짹135V Push-Pull Driver with RTZ, Current Sensor and Built-in Boost Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV53001 bảng dữ liệu(HTML) 21 Page - Microchip Technology

Back Button HV53001 Datasheet HTML 17Page - Microchip Technology HV53001 Datasheet HTML 18Page - Microchip Technology HV53001 Datasheet HTML 19Page - Microchip Technology HV53001 Datasheet HTML 20Page - Microchip Technology HV53001 Datasheet HTML 21Page - Microchip Technology HV53001 Datasheet HTML 22Page - Microchip Technology HV53001 Datasheet HTML 23Page - Microchip Technology HV53001 Datasheet HTML 24Page - Microchip Technology HV53001 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
 2021 Microchip Technology Inc.
DS20006518A-page 21
HV53001
3.0
DEVICE DESCRIPTION
3.1
Serial Peripheral Interface
The SPI interface is used to transfer data of the chan-
nel settings from the host controller to the high-voltage
driver. The HV53001 operates as an SPI slave device
and receives 128 bits of data from the master device
(host controller). The HV53001 SPI interface is
designed to be compatible with all Microchip 8-bit, 16-
bit and 32-bit SPI data transmission formats. This SPI
interface has a 128-bit shift register buffer to store 128
bits of data.
The SS pin is a chip select function which is similar to
the enable function to guard the clock and data input
signal. The SCK contains the bus clock signal from the
host processor. The SDI and SDO are the data input
and data output pins of the SPI shift register buffer.
SDI and SDO can be used to cascade multiple
HV53001 or HV53011 drivers together if only a single
SPI port is available. This SPI interface is compatible
with 3.3V logic input voltage with its maximum clock
frequency of 32 MHz.
The SPI shift register captures the data at the SDI
input in the rising edge of the SCK clock and pushes
out the data from the buffer to the SDO output in the
falling edge of the SCK clock. When the SPI bus is at
idle status, the SS pin stays in logic “1” and the SCK
clock is expected to stay at “0”.
FIGURE 3-1:
SPI Signal Diagram.
The bit order of the SDI data input is defined in the
following. The first and second data bits represent bit 1
and bit 0 of channel 15 in register D, respectively. The
third and fourth bits represent bit 1 and bit 0 of channel
14 in register D. This pattern is extended all the way to
channel 0. Hence, there are 32 data bits to control
register D to cover all sixteen channels.
The next 32 data bits are arranged in the same fashion
for register C. Similarly, the exact pattern repeats itself
for register B and A. Since each register (A, B, C and
D) contains 32 bits of data, the SPI shift register buffer
is 128 bits long.
Bit 1 of channel 15 in register D is defined as the MSb
(Most Significant bit) and bit 0 of channel 0 in register
A as the LSb (Least Significant bit) in this SPI shift
register buffer definition.
FIGURE 3-2:
SPI Bit Pattern Diagram.
* * * * * * * * * * * * * * * * * *
SCK
SDI
128 clock cycle
MSb… Data < D_CH15[1], D_CH15[0], D_CH14[1], ……. A_CH0[1], A_CH0[0] > … LSb
For example, D_CH15[1] = Setting of Register D, Channel 15, Bit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com