công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EEC1005 bảng dữ liệu(PDF) 4 Page - Microchip Technology

tên linh kiện EEC1005
Giải thích chi tiết về linh kiện  Enterprise Storage Backplane Management Processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EEC1005 bảng dữ liệu(HTML) 4 Page - Microchip Technology

  EEC1005 Datasheet HTML 1Page - Microchip Technology EEC1005 Datasheet HTML 2Page - Microchip Technology EEC1005 Datasheet HTML 3Page - Microchip Technology EEC1005 Datasheet HTML 4Page - Microchip Technology EEC1005 Datasheet HTML 5Page - Microchip Technology EEC1005 Datasheet HTML 6Page - Microchip Technology EEC1005 Datasheet HTML 7Page - Microchip Technology EEC1005 Datasheet HTML 8Page - Microchip Technology EEC1005 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
EEC1005
DS00003392B-page 4
 2020 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
EEC1005 is a generic, easily configurable, True Universal Backplane Management (UBM) device that can be used on
hard drive backplanes to provide complete storage enclosure management and reporting to computing host systems
using industry standard communication protocols.
EEC1005 supports a variety of host interfaces to accommodate SAS/SATS/NVMe backplane. The SFF-8654 slimline
connector (Host facing Connector) can be used to route SAS signals in which case the HBA will manage SAS/SATA
drives, the same connector protocol (physically a different connector) can be used to route PCIe signals in which case
the HBA will manage NVME drives. In both cases UBM will be used as management protocol with support of SGPIO
as well on SAS Slimline (Configuration dependent).The device supports using U.2 and U.3 Drive facing Connectors.
EEC1005 also supports Multiple Backplanes on a single chassis.
EEC1005 supports 2 or 3 LED IBPI blinking patterns for up to 16 drives. Customized LED blink pattern can also be pro-
grammed through the FRU.
The EEC1005 has a secure boot loader that authenticates and decrypts the Flash boot image (UBM application) using
the AES-256, ECDSA P-256, SHA-256 cryptographic hardware accelerators. EEC1005 hardware accelerators support
128-bit and 256-bit AES encryption, ECDSA and EC_KCDSA signing algorithms, 1024-bits to 4096-bits RSA and
Elliptic asymmetric public key algorithms, and a True Random Number Generator (TRNG). Additionally, the device
offers lockable OTP storage for private keys and IDs.
EEC1005 is available in 84 pin and 144 pin WFBGA packages.
1.1
References
1.
SFF-TA-1005 Universal Backplane Management Specification
2.
SFF-8485 Serial General-Purpose Input/output (SGPIO) Specification
3.
SFF-8448 SAS Sideband Signal Assignment
4.
SFF-8489 Serial GPIO (International Blinking Pattern Interpretation)
5.
Enterprise SSD Form Factor Version 1.0a
6.
SFF-TA-1001 (U.3 Drive Connector) Specification
7.
SFF-8639 (U.2 Drive Connector) Specification
8.
SFF-9639 (U.2 Connector Pinout) Specification
9.
SFF-8654 Slimline Connector Specification
10. SFF-9402 Multi-Protocol Internal Cables for SAS and/or PCIe (Slimline Connector Pinout) Specification
11. SCSI Enclosure Services -4 Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56