| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RPPD-BC4MP3N-K bảng dữ liệu(PDF) 8 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
RPPD-BC4MP3N-K bảng dữ liệu(HTML) 8 Page - M-System Co.,Ltd. |
|
8 / 9 page ![]() MODEL: RPPD RPPD SPECIFICATIONS ES-1693 Rev.20 Page 8/9 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM 2 1 ■ Power Photo MOSFET Relay • AC Powered LOAD • DC Powered Varistor or Spark Quenching Circuit Relay or Counter Coil U LOAD Spark Quenching Diode Relay or Counter Coil 2 1 + – Isolation Base Socket Waveform Shaper Output Driver OUTPUT 1 1 2 U(+) V(–) POWER 7 8 One-Shot + – INPUT 1 3 4 * Provided only when the one-shot output is specified. Note 1: With 24V excitation and dry contact input, the voltage across the terminals 3 – 4, 5 – 6, divided in the waveform shaper, is of approx. 16V. Note 2: Not negative common in case of RS-422 line driver pulse output or power photo MOSFET relay output. * + – Output Driver OUTPUT 2 10 11 One-Shot * VL VH INPUT MON. Waveform Shaper INPUT MON. + – INPUT 2 9 6 5 Excitation Supply VOLTAGE ADJ. SENSOR EXC. + – Isolation Base Socket RS-422 Receiver Output Driver OUTPUT 1 1 2 U(+) V(–) POWER 7 8 One-Shot + – 3 4 RS-422 Receiver + – 5 6 * Provided only when the one-shot output is specified. Note 1: Sensor excitation not provided for RS-422 line driver pulse input. Note 2: Not negative common in case of RS-422 line driver pulse output or power photo MOSFET relay output. + – Output Driver OUTPUT 2 10 11 One-Shot ■ RS-422 LINE DRIVER PULSE INPUT A B A B ROTARY ENCODER Input Connection Examples ■ Open Collector Output Connection Examples + – 1 2 + – ■ Voltage Pulse + – 1 2 + – + – 10 11 + – 10 11 + – 5 9 6 + 10kΩ 100Ω 100Ω ■ Dry Contact + – – 3 4 + – Vsns PWR ■ 2-Wire Current Pulse • Built-in Excitation 5 9 6 + Vsns 2-WIRE PICK-UP 100Ω 3 4 – 2-WIRE PICK-UP • External DC Supply 5 9 6 – 2-WIRE PICK-UP + + DC SUPPLY – 100Ω 3 4 – 2-WIRE PICK-UP + + DC SUPPLY – ■ Voltage Pulse 5 9 6 + + – – Vsns PWR 3 4 + – – + + – ■ RS-422 Line Driver Pulse 2 + – + – 1 + – 11 + – + – 10 + – * * |