công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AXC2T45 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74AXC2T45
Giải thích chi tiết về linh kiện  SN74AXC2T45-Q1 2-Bit Translating Transceiver with Configurable Level-Shifting
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74AXC2T45 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  SN74AXC2T45 Datasheet HTML 1Page - Texas Instruments SN74AXC2T45 Datasheet HTML 2Page - Texas Instruments SN74AXC2T45 Datasheet HTML 3Page - Texas Instruments SN74AXC2T45 Datasheet HTML 4Page - Texas Instruments SN74AXC2T45 Datasheet HTML 5Page - Texas Instruments SN74AXC2T45 Datasheet HTML 6Page - Texas Instruments SN74AXC2T45 Datasheet HTML 7Page - Texas Instruments SN74AXC2T45 Datasheet HTML 8Page - Texas Instruments SN74AXC2T45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1) (2) (3)
MIN
MAX UNIT
VCCA
Supply voltage A
0.65
3.6
V
VCCB
Supply voltage B
0.65
3.6
V
VIH
High-level input voltage
Data Inputs
VCCI = 0.65 V - 0.75 V
VCCI x 0.70
VCCI = 0.76 V - 1 V
VCCI x 0.70
VCCI = 1.1 V - 1.95 V
VCCI x 0.65
VCCI = 2.3 V - 2.7 V
1.6
VCCI = 3 V - 3.6 V
2
Control Input (DIR), Referenced
to VCCA
VCCA = 0.65 V - 0.75 V
VCCA x 0.70
VCCA = 0.76 V - 1 V
VCCA x 0.70
VCCA = 1.1 V - 1.95 V
VCCA x 0.65
VCCA = 2.3 V - 2.7 V
1.6
VCCA = 3 V - 3.6 V
2
VIL
Low-level input voltage
Data Inputs
VCCI = 0.65 V - 0.75 V
VCCI x 0.30
V
VCCI = 0.76 V - 1 V
VCCI x 0.30
VCCI = 1.1 V - 1.95 V
VCCI x 0.35
VCCI = 2.3 V - 2.7 V
0.7
VCCI = 3 V - 3.6 V
0.8
Control Input (DIR), Referenced
to VCCA
VCCA = 0.65 V - 0.75 V
VCCA x 0.30
VCCA = 0.76 V - 1 V
VCCA x 0.30
VCCA = 1.1 V - 1.95 V
VCCA x 0.35
VCCA = 2.3 V - 2.7 V
0.7
VCCA = 3 V - 3.6 V
0.8
VI
Input voltage (3)
0
3.6
V
VO
Output voltage
Active State
0
VCCO
V
Tri-State
0
3.6
Δt/Δv(2)
Input transition rise and fall time
10 ns/V
TA
Operating free-air temperature
–40
125
°C
(1)
VCCI is the VCC associated with the input port.
(2)
VCCO is the VCC associated with the output port.
(3)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, SCBA004.
6.4 Thermal Information
THERMAL METRIC (1)
SN74AXC2T45-Q1
UNIT
DCU (VSSOP)
8 PINS
RθJA
Junction-to-ambient thermal resistance
242.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
96.2
°C/W
RθJB
Junction-to-board thermal resistance
153.3
°C/W
YJT
Junction-to-top characterization parameter
38.2
°C/W
YJB
Junction-to-board characterization parameter
152.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
www.ti.com
SN74AXC2T45-Q1
SCES928 – APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74AXC2T45-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com