công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F2012IPW bảng dữ liệu(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F2012IPW
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPW bảng dữ liệu(HTML) 42 Page - Texas Instruments

Back Button MSP430F2012IPW Datasheet HTML 38Page - Texas Instruments MSP430F2012IPW Datasheet HTML 39Page - Texas Instruments MSP430F2012IPW Datasheet HTML 40Page - Texas Instruments MSP430F2012IPW Datasheet HTML 41Page - Texas Instruments MSP430F2012IPW Datasheet HTML 42Page - Texas Instruments MSP430F2012IPW Datasheet HTML 43Page - Texas Instruments MSP430F2012IPW Datasheet HTML 44Page - Texas Instruments MSP430F2012IPW Datasheet HTML 45Page - Texas Instruments MSP430F2012IPW Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005
42
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x20x2 electrical characteristics over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted) (continued)
10-bit ADC, temperature sensor and built-in VMID (MSP430x20x2 only)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
ISENSOR
Temperature sensor supply
REFON = 0, INCHx = 0Ah,
2.2 V
40
120
A
ISENSOR
Temperature sensor supply
current (see Note 1)
REFON = 0, INCHx = 0Ah,
TA = 25_C
3 V
60
160
µA
TCSENSOR†
ADC10ON = 1, INCHx = 0Ah
(see Notes 2, 3)
2.2 V/3 V
3.44
3.55
3.66
mV/
°C
VOffset,Sensor Sensor offset voltage
ADC10ON = 1, INCHx = 0Ah
(see Notes 2, 3)
−100
100
mV
Temperature sensor voltage
at TA = 85°C
2.2 V/3 V
TBD
TBD
TBD
VSensor
Sensor output voltage
(see Note 4)
Temperature sensor voltage
at TA = 25°C
2.2 V/3 V
TBD
TBD
TBD
mV
(see Note 4)
Temperature sensor voltage
at TA = 0°C (see Note 2)
2.2 V/3 V
935
985
1035
tSensor(sample)
Sample time required if
channel 10 is selected (see
Note 5)
ADC10ON = 1, INCHx = 0Ah,
Error of conversion result
≤ 1 LSB
2.2 V/3 V
30
µs
IVMID
Current into divider at channel
ADC10ON = 1, INCHx = 0Bh,
2.2 V
NA
A
IVMID
Current into divider at channel
11 (see Note 6)
ADC10ON = 1, INCHx = 0Bh,
3 V
NA
µA
VMID
VCC divider at channel 11
ADC10ON = 1, INCHx = 0Bh,
2.2 V
1.06
1.1
1.14
V
VMID
VCC divider at channel 11
ADC10ON = 1, INCHx = 0Bh,
VMID is ≈0.5 x VCC
3 V
1.46
1.5
1.54
V
tVMID(sample)
Sample time required if
channel 11 is selected (see
ADC10ON = 1, INCHx = 0Bh,
2.2 V
1400
ns
tVMID(sample) channel 11 is selected (see
Note 7)
ADC10ON = 1, INCHx = 0Bh,
Error of conversion result
≤ 1 LSB
3 V
1220
ns
† Not production tested, limits characterized
NOTES:
1. The sensor current ISENSOR is consumed if (ADC10ON = 1 and REFON = 1), or (ADC10ON=1 and INCH=0Ah and sample signal
is high). When REFON = 1, ISENSOR is included in IREF+. When REFON = 0, ISENSOR applies during conversion of the temperature
sensor input (INCH = 0Ah).
2. Not production tested, limits characterized.
3. The following formula can be used to calculate the temperature sensor output voltage:
VSensor,typ = TCSensor ( 273 + T [°C] ) + VOffset,sensor [mV] or
VSensor,typ = TCSensor T [°C] + VSensor(TA = 0°C) [mV]
4. Results based on characterization and/or production test, not TCSensor or VOffset,sensor.
5. The typical equivalent impedance of the sensor is 51 k
Ω. The sample time required includes the sensor-on time tSENSOR(on).
6. No additional current is needed. The VMID is used during sampling.
7. The on-time tVMID(on) is included in the sampling time tVMID(sample); no additional on time is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com