công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F2002IPW bảng dữ liệu(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F2002IPW
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW bảng dữ liệu(HTML) 43 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 39Page - Texas Instruments MSP430F2002IPW Datasheet HTML 40Page - Texas Instruments MSP430F2002IPW Datasheet HTML 41Page - Texas Instruments MSP430F2002IPW Datasheet HTML 42Page - Texas Instruments MSP430F2002IPW Datasheet HTML 43Page - Texas Instruments MSP430F2002IPW Datasheet HTML 44Page - Texas Instruments MSP430F2002IPW Datasheet HTML 45Page - Texas Instruments MSP430F2002IPW Datasheet HTML 46Page - Texas Instruments MSP430F2002IPW Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005
43
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x20x3 electrical characteristics over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted)
SD16_A, power supply and recommended operating conditions (MSP430x20x3 only)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
AVCC
Analog supply voltage range
AVCC = DVCC = VCC
AVSS = DVSS = VSS = 0V
2.5
3.6
V
SD16LP = 0,
GAIN: 1,2
3 V
730
1050
SD16LP = 0,
fSD16 = 1 MHz,
SD16OSR = 256
GAIN: 4,8,16
3 V
810
1150
ISD16
Analog supply current
including internal reference
fSD16 = 1 MHz,
SD16OSR = 256
GAIN: 32
3 V
1160
1700
µA
ISD16
Analog supply current
including internal reference
SD16LP = 1,
fSD16 = 0.5 MHz,
GAIN: 1
3 V
720
1030
µA
fSD16 = 0.5 MHz,
SD16OSR = 256
GAIN: 32
3 V
810
1150
fSD16
SD16 input clock frequency
SD16LP = 0
(Low power mode disabled)
3 V
0.03
1
1.1
MHz
fSD16
SD16 input clock frequency
SD16LP = 1
(Low power mode enabled)
3 V
0.03
0.5
MHz
SD16_A, input range (MSP430x20x3 only)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VID,FSR
Differential full scale input voltage
Bipolar Mode, SD16UNI = 0
−(VREF/2)/
GAIN
+(VREF/2)/
GAIN
mV
VID,FSR
Differential full scale input voltage
range (see Note 1)
Unipolar Mode, SD16UNI = 1
0
+(VREF/2)/
GAIN
mV
SD16GAINx=1
±500
Differential input voltage range
SD16GAINx=2
±250
VID
Differential input voltage range
for specified performance
SD16REFON=1
SD16GAINx=4
±125
mV
VID
for specified performance
(see Note 1)
SD16REFON=1
SD16GAINx=8
±62
mV
(see Note 1)
SD16GAINx=16
±31
SD16GAINx=32
±15
ZI
Input impedance
fSD16 = 1MHz
SD16GAINx=1
3 V
200
k
Ω
ZI
Input impedance
(one input pin to AVSS)
fSD16 = 1MHz
SD16GAINx=32
3 V
75
k
Ω
ZID
Differential Input impedance
fSD16 = 1MHz
SD16GAINx=1
3 V
300
400
k
Ω
ZID
Differential Input impedance
(IN+ to IN−)
fSD16 = 1MHz
SD16GAINx=32
3 V
100
150
k
Ω
VI
Absolute input voltage range
AVSS
-0.1V
AVCC
V
VIC
Common-mode input voltage
range
AVSS
-0.1V
AVCC
V
NOTES:
1. The analog input range depends on the reference voltage applied to VREF. If VREF is sourced externally, the full-scale range
is defined by VFSR+ = +(VREF/2)/GAIN and VFSR− = −(VREF/2)/GAIN. The analog input range should not exceed 80% of
VFSR+ or VFSR−.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com