| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAX3968C/D bảng dữ liệu(PDF) 4 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX3968C/D bảng dữ liệu(HTML) 4 Page - Maxim Integrated Products |
|
4 / 12 page ![]() +3.0V to +5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector 4 _______________________________________________________________________________________ Typical Operating Characteristics (continued) (MAX3964 EV kit, VCC = +3.3V, decibels (dB) calculated as 20 log ∆V, PECL outputs terminated with 50Ω to (VCC - 2V), TA = +25°C, unless otherwise noted.) 0 0.6 1.2 2.4 1.8 3.0 -50 0 -25 25 50 75 100 DATA OUTPUT EDGE SPEED (20% to 80%) vs. TEMPERATURE TEMPERATURE (°C) MAX3968 MAX3964/MAX3965 LOS OPERATION WITH SQUELCH DATA OUTPUT LOS+ DATA INPUT 10 µs/div 1ns/div MAX3964/MAX3965 EYE DIAGRAM (INPUT = 3.3mV) 200mV/div 1600 600 0.1 1 10 100 1k 10k OUTPUT AMPLITUDE vs. INPUT VOLTAGE (DIFFERENTIAL SIGNAL LEVELS) 800 INPUT VOLTAGE (mV) 1000 1200 1400 |