| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W2AP-31Y-R bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
W2AP-31Y-R bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: W2AP W2AP SPECIFICATIONS ES-5535 Rev.13 Page 4/4 http://www.m-system.co.jp/ TERMINAL ASSIGNMENTS unit: mm (inch) 4 8 7 10 11 5 6 3 9 INPUT RESISTOR (model: REM2) 1 2 Input shunt resistor attached for current input. SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Base Socket 1 2 5 4 9 U(+) V(–) POWER 10 11 * Input shunt resistor attached for current input. ** Provided only when the dry contact AC/DC switch is selected as one of the outputs. Note: The section enclosed by broken line is only with 2nd output option. + – OUTPUT 1 + – Isolation Output Driver Output Driver OUTPUT 2 7 8 3 6 + – * ** INPUT R Divider Low Drift Amplifier Timer Volt. / Freq. Converter Z S ■ Open Collector Output Connection Examples ■ Dry Contact AC/DC Switch • AC Powered + – 7 8 + – 7 8 ■ Voltage Pulse + – 7 8 + – LOAD Relay or Counter Coil Varistor or Spark Quenching Circuit • DC Powered 7 8 LOAD Relay or Counter Coil Spark Quenching Diode U Specifications are subject to change without notice. |