| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX88853 bảng dữ liệu(PDF) 37 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX88853 bảng dữ liệu(HTML) 37 Page - ASIX Electronics Corporation |
|
37 / 39 page ![]() AX88850 PRELIMINARY ASIX ELECTRONICS CORPORATION 37 5.4.5 LED Display After Reset /Reset T1 T2 T2 T2 T3 LED[7:0] T4 LED_SYN ………………………………… ……………… Symbol Description Min Typ. Max Units T1 Repeater reset time 1000 ns T2 LED Blink Time After Reset 838.4 ms T3 LED Dark Time Before Normal Display 419.2 ms 5.4.6 Repeater ID Daisy Chain T1 T2 T2 Daisy-Out ID0 ID1 ID2 ID0 ID1 ID2 T3 Daisy-In ID0 ID1 ID2 ID0 ID1 ID2 Symbol Description Min Typ. Max Units T1 Daisy Chain One Burst period 204.8 us T2 Start Bit Period or Data Width 12.8 us T3 Daisy Chain Data In Time-out * 3.8 s Note : Daisy-Chain Data-In Time-out stands for no input data (always high level) for the specific time. |