| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDU-DM3R-G bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
PDU-DM3R-G bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: PDU PDU SPECIFICATIONS ES-1368 Rev.10 Page 4/4 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 3 4 5 6 2 1 8 7 50 (1.97) 107 (4.21) 127 (5) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Base Socket Waveform Shaper Output Driver OUTPUT 6 1 2 U(+) V(–) POWER 7 8 12V Supply INPUT 5 + – 3 4 + SENSOR EXCITATION One-shot + ■ Dry Contact Input Connection Examples + – – PWR ■ Voltage Pulse + + – – PWR ■ Open Collector Output Connection Examples + – 1 2 + – ■ Voltage Pulse + – 1 2 + – ■ Relay Contact • AC Powered 1 2 LOAD Relay or Counter Coil Varistor or Spark Quenching CIrcuit • DC Powered 1 2 LOAD Relay or Counter Coil Spark Quenching Diode SCALING FACTOR ADJ. Scaler PULSE WIDTH ADJ. SENSITIVITY ADJ. 7.5kΩ +7.5V + – 3 4 + 5 + – 3 4 + 5 ■ 2-Wire Current Pulse • Built-in Excitation 3 5 4 – + Vsns 2-WIRE PICK-UP • External DC Supply 3 5 4 – Vsns 2-WIRE PICK-UP + + DC SUPPLY – 220Ω 220Ω U Specifications are subject to change without notice. |