| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTT2-5-F bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
OTT2-5-F bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: OTT2 OTT2 SPECIFICATIONS ES-3203 Rev.2 Page 4/4 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Base Socket Low Drift Amplifier U(+) V(–) POWER 7 8 + – T / C CJC SENSOR metal leg model: CJM comp. leadwire 3 5 4 + – 6 Linearizer CJC Sensing Volt. Generator 1 2 Z Volt. / Freq. Converter S FIBER OPTICS A Pulse Volt. Amplifier FIBER OPTICS B 1.2kΩ +15V SSR Control Output ■ OTT2 (input) + – Base Socket 3 OUTPUT 4 1 2 U(+) V(–) POWER 7 8 + – 5 6 CONTROL INPUT ■ OTR2 (output) * * Deleted with B thermocouple Power LED FUNCTIONS The OTT2 unit converts mV input signals from a thermocouple into light pulse re ections, and transmits them to the OTR2 unit via ber optics cable (A), while the OTR2 converts the light pulse re ections into analog signals and output them to a temperature controller. The OTR2 transmits also ON-OFF control signals from the controller in the same manner via ber optics cable (B), to the OTT2 unit while produces voltage pulse signals for driving the SSR for the heater. The SSR must accept a DC input and have zero-cross function. FIBER OPTICS FIBER OPTICS CONTROL INPUT U(+) V(–) POWER OUTPUT 7 8 1 2 5 6 B INPUT + – + OUTPUT – DC SIGNAL +12V 0V OTR2 TEMP. CONTROLLER A CONTROL OUTPUT U(+) V(–) A 7 8 POWER + – T / C CJC SENSOR metal leg model: CJM comp. leadwire 3 5 4 + – 1 2 INPUT ~ + SSR ~ – HEATER OTT2 B Specifications are subject to change without notice. |