| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MLV-F-B/Q bảng dữ liệu(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MLV-F-B/Q bảng dữ liệu(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: MLV MLV SPECIFICATIONS ES-1356 Rev.8 Page 3/3 http://www.m-system.co.jp/ EXTERNAL VIEW Front Cover (open) Excitation Adj. Gain Adj. Span Adj. Zero Adj. LCD Meter EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 5 6 7 8 2 1 11 10 50 (1.97) 107 (4.21) 136 (5.35) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 25 (.98) deep 11–M3.5 SCREW • When mounting, no extra space is needed between units. 3 9 4 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation * Base Socket Synchronous Demodulation Output Driver OUTPUT 1 2 U(+) V(–) POWER 7 8 *Option /E Excitation Z S 10 6 3 11 9 LVDT GAIN EXC. 5 4 Specifications are subject to change without notice. |