| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MLS-DB-F bảng dữ liệu(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MLS-DB-F bảng dữ liệu(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: MLS MLS SPECIFICATIONS ES-1644 Rev.5 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS unit: mm (inch) 3 4 5 6 2 1 8 7 50 (1.97) 107 (4.21) 127 (5) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. TERMINAL ASSIGNMENTS unit: mm (inch) 2 1 8 7 3 4 INPUT RESISTOR (model: REM) Input shunt resistor attached for current input. 5 6 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation ** Base Socket * Input shunt resistor attached for current inputs. **Option /E Output Driver OUTPUT 1 2 U(+) V(–) POWER 7 8 + – INPUT 1 3 4 R * 5 6 + – INPUT 2 R * Input Circuit Digital Computation Input Circuit S Z Specifications are subject to change without notice. |