| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M8BS-16U0-R bảng dữ liệu(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M8BS-16U0-R bảng dữ liệu(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 14 page ![]() MODEL: M8BS-16 M8BS-16 SPECIFICATIONS ES-5490 Rev.14 Page 6/14 http://www.m-system.co.jp/ ■ MODEL: M8BS-16K1 (Azbil DCS J-HAM50/J-HMM00 module use / screw terminal block) I/O cable: J-RSL / J-RSK J-RRL / J-RRK • Location Input connector: 57GE-40500-751 CN1: J-HAM50 / J-HMM00 module use The output 1 is connected to the connector. Pico-M LOCATION NO. AZBIL DCS AI CONNECTOR 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 ■ CONNECTION DIAGRAM A B C D CN1 Ch.1 INPUT** A B C D Ch.16 INPUT** + – + – PWR2 4 5 FG 3 U V AC POWER PWR1 4 5 FG 3 U V AC POWER FG 3 A B C D CN1 Ch.1 INPUT** A B C D Ch.16 INPUT** + – + – OUTPUT 2 OUTPUT 2 Ch.1 OUTPUT** Ch.16 OUTPUT** OUTPUT 2 OUTPUT 2 Ch.1 OUTPUT** Ch.16 OUTPUT** ■ Power Supply Unit Code R, K ■ Power Supply Unit Code KK, L * * For power supply unit code KK only. ** The input and output terminals are reversed for model M8YSx, M8YCx. Use either Output 1 (connector) or Output 2 terminal for the input. U(+) V(–) POWER 2 1 |