công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HM7046LL bảng dữ liệu(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

tên linh kiện HM7046LL
Giải thích chi tiết về linh kiện  Low Power Voltage Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Trang chủ  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7046LL bảng dữ liệu(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7046LL Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7046LL Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7046LL Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7046LL Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7046LL Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7046LL Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7046LL Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7046LL Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7046LL Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Ver1.1
Oct 3,2011
Application Circuits
Microcomputer Reset Circuit
Normally a reset circuit is required to
protect the microcomputer system from
malfunctions due to power line inter-
rupttions.
The
following
examples
show how different output configure-
tions
perform
a reset function in
various systems.
NMOS open drain output application
for separate power supply
NMOS open drain output application
with R-C delay
Power-on Reset Circuit
With several external components, the
NMOS
open
drain
type
of
the
series can be used to
perform a power-on reset function as
shown:
5V Power Line Monitoring Circuit
Generally,
a
minimum
operating
voltage of 4.5V is guaranteed in a 5V
power line system. The
is
recommended for use as 5V power line
monitoring circuit.
5V power line monitor with power-on
reset
With 5V voltage regulator
series
Low Power Voltage Detector
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
HM70XXPR
HM70XXPR
HM70XXPR
HM70XXPR



Html Pages

1 2 3 4 5 6 7 8 9 10 11