| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HM7014LL bảng dữ liệu(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd |
|
|
|||||||||||||||||||||||||||||
HM7014LL bảng dữ liệu(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd |
|
5 / 11 page ![]() Ver1.1 Oct 3,2011 Application Circuits Microcomputer Reset Circuit Normally a reset circuit is required to protect the microcomputer system from malfunctions due to power line inter- rupttions. The following examples show how different output configure- tions perform a reset function in various systems. NMOS open drain output application for separate power supply NMOS open drain output application with R-C delay Power-on Reset Circuit With several external components, the NMOS open drain type of the series can be used to perform a power-on reset function as shown: 5V Power Line Monitoring Circuit Generally, a minimum operating voltage of 4.5V is guaranteed in a 5V power line system. The is recommended for use as 5V power line monitoring circuit. 5V power line monitor with power-on reset With 5V voltage regulator series Low Power Voltage Detector Shenzhen H&M Semiconductor Co.Ltd http://www.hmsemi.com HM70XXPR HM70XXPR HM70XXPR HM70XXPR |