| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ULC070MP6 bảng dữ liệu(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
ULC070MP6 bảng dữ liệu(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
6 / 7 page ![]() ULC070MP6 reference. When the voltage on the protected line exceeds the reference voltage (plus diode VF) the steering diodes are forward biased, conducting the transient current away from the sensitive circuitry. Data line is connected at Pins 1 and 6. The negative reference is connected at pin 2. These pins should be connected directly to a gound plane on the board for best results. The path length is kept as short as possible to minimize parasitic inductance. Figure 7. Layout Guidelines ULC070MP6 TVS Array is designed to protect one data line from transient over voltage by clamping them to s fixed |