| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSG4543C bảng dữ liệu(PDF) 4 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. |
|
|
|||||||||||||||||||||||||||||
SSG4543C bảng dữ liệu(HTML) 4 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. |
|
4 / 5 page ![]() — 4 — P-Channel Electrical Characteristics:(T C=25℃ unless otherwise noted) Symbol Parameter Conditions Min Typ Max Units ON/Off States BVDSS Drain-Sourtce Breakdown Voltage VGS=0V,ID=-250μA -40 --- --- V IDSS Zero Gate Voltage Drain Current VGS=0V, VDS=-40V --- --- -1 μA IGSS Gate-Source Leakage Current VGS=±20V, VDS=0A --- --- ±100 nA On Characteristics 3 VGS(th) GATE-Source Threshold Voltage VGS=VDS, ID=-250μA -1 -1.6 -2.5 V RDS(ON) Drain-Source On Resistance 2 VGS=-10V,ID=-4A --- 32 40 mΩ GFS Forward Transconductance VDS=-10V, ID=-3A --- 5 -- S Dynamic Characteristics Ciss Input Capacitance VDS=-15V, VGS=0V, f=1MHz --- 1050 1600 pF Coss Output Capacitance --- 110 160 Crss Reverse Transfer Capacitance --- 80 120 Switching Characteristics td(on) Turn-On Delay Time 2.3 VDS=-20V,V GS=-4.5V, RGEN=25Ω. ID=-1A --- 20 40 ns tr Rise Time 2.3 --- 12 24 ns td(off) Turn-Off Delay Time 2.3 --- 46 80 ns tf Fall Time 2.3 --- 6 12 ns Qg Total Gate Charge 2.3 VGS=-4.5V, VDS=-20V, ID=-2A --- 8 16 nC Qgs Gate-Source Charge 2.3 --- 2.1 4.2 nC Qgd Gate-Drain “Miller” Charge 2.3 --- 3.6 7.2 nC Drain-Source Diode Characteristics VSD Source-Drain Diode Forward Voltage 3 VGS=0V,IS=-1A --- -- -1 V LS --- -7.2 A LSM --- -14.4 A Continuous Source Current Pulsed Source Current VG=VD=0V , Force Current Notes: 1. Repetitive Rating : Pulsed width limited by maximum junction temperature. 2. The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%. 3. Essentially independent of operating temperature. www.doingter.cn SSG4543C |