công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSM9409CSRL bảng dữ liệu(PDF) 6 Page - VBsemi Electronics Co.,Ltd

tên linh kiện TSM9409CSRL
Giải thích chi tiết về linh kiện  P-Channel 60 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VBSEMI [VBsemi Electronics Co.,Ltd]
Trang chủ  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

TSM9409CSRL bảng dữ liệu(HTML) 6 Page - VBsemi Electronics Co.,Ltd

  TSM9409CSRL Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd TSM9409CSRL Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd TSM9409CSRL Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd TSM9409CSRL Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd TSM9409CSRL Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd TSM9409CSRL Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd TSM9409CSRL Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd TSM9409CSRL Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd TSM9409CSRL Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Foot
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Foot (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extrac ted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
0.05
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
TSM9409CS RL
6



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com