| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M2REB-SDB-R2/N bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2REB-SDB-R2/N bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: M2REB M2REB SPECIFICATIONS ES-5097 Rev.11 Page 4/4 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS unit: mm (inch) 5 9 21.5 (.85) 86.7 (3.41) 7.3 (.29) 15 (.59) 6 (.23) DIN RAIL 35mm wide [4 (.16)] 8–M3 SCREW 23 (.91) 2–4.2x5 (.17x.20) MTG HOLE 6 (.24) deep 116.7 (4.59) • When mounting, no extra space is needed between units. 1 4 8 12 14 13 TERMINAL ASSIGNMENTS unit: mm (inch) 5 8 9 12 14 13 INPUT RESISTOR (model: REM2) Input shunt resistor attached for current input. 1 4 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Base Socket S Z 1 Low Drift Amplifier Output Driver OUTPUT 4 5 8 9 12 U(+) V(–) POWER 13 14 + – * *Input shunt resistor attached for current input. INPUT R Digital Computation UP/DOWN SW RATIO/BIAS SELECTOR Ratio/Bias Display Specifications are subject to change without notice. |