| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M6NCTC-2300Z-R bảng dữ liệu(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M6NCTC-2300Z-R bảng dữ liệu(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: M6NCTC M6NCTC SPECIFICATIONS ES-7902 Rev.7 Page 3/4 http://www.m-system.co.jp/ EXTERNAL VIEW (With the cover open) Zero Adj. Power LED Span Adj. EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 7.5 (.30) DIN RAIL HOOK 102 (4.02) [1 (.04)] 8–M3 SCREW TERMINAL WIRE INSERTION ANGLE : approx. 35° SCREWDRIVER * INSERTION ANGLE : approx. 55° SCREWDRIVER INSERTION ANGLE : approx. 40° DIN RAIL 35mm wide 5 6 7 8 1 2 3 4 • When mounting, no extra space is needed between units. *Screwdriver stem diameter: 6 mm (.24”) or less |