| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FNS-03-A/E bảng dữ liệu(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
FNS-03-A/E bảng dữ liệu(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: FNS FNS SPECIFICATIONS ES-1642 Rev.2 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS unit: mm (inch) 3 4 5 6 2 1 8 7 50 (1.97) 107 (4.21) 127 (5) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. TERMINAL ASSIGNMENTS unit: mm (inch) 5 6 2 1 8 7 3 4 INPUT RESISTOR (model: REM) Input shunt resistor attached for current input. SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – + – Isolation * ** Base Socket S Z * Input shunt resistor attached for current input. ** Option /E INPUT 3 Low Drift Amplifier Square Root Extractor Output Driver OUTPUT R 4 5 6 1 2 U(+) V(–) POWER 7 8 Specifications are subject to change without notice. |