| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HM7023PL bảng dữ liệu(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd |
|
|
|||||||||||||||||||||||||||||
HM7023PL bảng dữ liệu(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd |
|
3 / 11 page ![]() Ver1.1 Oct 3,2011 Absolute Maximum Ratings Supply Voltage ................................-0.3V to 12V Operating Temperature .................-40℃ to 85℃ Storage Temperature ..................-50℃ to 125℃ Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum Ratings ” may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability. Thermal Information Symbol Parameter Package Max. Unit θ JA Thermal Resistance (Junction to Ambient) (Assume no ambient airflow, no heat sink) SOT23 500 ℃/W SOT89 200 ℃/W TO92 200 ℃/W PD Power Dissipation SOT23 0.20 W SOT89 0.50 W TO92 0.50 W Note: PD is measured at Ta= 25℃ Electrical Characteristics VDF=0.8V~5.0V Ta=25 ℃ Symbol Parameter Test Conditions Min. Typ. Max. Unit VDET Detection Voltage VDF=0.8V~2.2V VDF=2.3V~5.0V VDF*0.98 VDF VDF*1.02 V VHYS Hysteresis Width - 0.02 VDET 0.04 VDET 0.08 VDET V IDD Operating Current Vin=1.5V - 0.7 2.3 μA Vin=2.0V - 0.8 2.7 Vin=3.0V - 0.9 3.0 Vin=4.0V - 1.0 3.2 Vin=5.0V - 1.1 3.6 VDD Operating Voltage - - 0.7 - 10 V IOL Output Sink Current 2V VOUT=0.2V 0.5 1 - mA a DF DET T V V Temperature Coefficient - -25℃ <Ta<125℃ - ± 100 - ppm/ ℃ series Low Power Voltage Detector Shenzhen H&M Semiconductor Co.Ltd http://www.hmsemi.com |