công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HM7014MB bảng dữ liệu(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

tên linh kiện HM7014MB
Giải thích chi tiết về linh kiện  Low Power Voltage Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Trang chủ  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7014MB bảng dữ liệu(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7014MB Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7014MB Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7014MB Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7014MB Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7014MB Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7014MB Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7014MB Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7014MB Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7014MB Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Ver1.1
Oct 3,2011
Application Circuits
Microcomputer Reset Circuit
Normally a reset circuit is required to
protect the microcomputer system from
malfunctions due to power line inter-
rupttions.
The
following
examples
show how different output configure-
tions
perform
a reset function in
various systems.
NMOS open drain output application
for separate power supply
NMOS open drain output application
with R-C delay
Power-on Reset Circuit
With several external components, the
NMOS
open
drain
type
of
the
series can be used to
perform a power-on reset function as
shown:
5V Power Line Monitoring Circuit
Generally,
a
minimum
operating
voltage of 4.5V is guaranteed in a 5V
power line system. The
is
recommended for use as 5V power line
monitoring circuit.
5V power line monitor with power-on
reset
With 5V voltage regulator
series
Low Power Voltage Detector
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
HM70XXPR
HM70XXPR
HM70XXPR
HM70XXPR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com