công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH433FN476ZP bảng dữ liệu(PDF) 6 Page - Rohm

tên linh kiện MCH433FN476ZP
Giải thích chi tiết về linh kiện  Multi-layer ceramic chip capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

MCH433FN476ZP bảng dữ liệu(HTML) 6 Page - Rohm

Back Button MCH433FN476ZP Datasheet HTML 2Page - Rohm MCH433FN476ZP Datasheet HTML 3Page - Rohm MCH433FN476ZP Datasheet HTML 4Page - Rohm MCH433FN476ZP Datasheet HTML 5Page - Rohm MCH433FN476ZP Datasheet HTML 6Page - Rohm MCH433FN476ZP Datasheet HTML 7Page - Rohm MCH433FN476ZP Datasheet HTML 8Page - Rohm MCH433FN476ZP Datasheet HTML 9Page - Rohm MCH433FN476ZP Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MCH43
Ceramic capacitors
6/10
Items
Performance
Humidity
(Steady)
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
As per 4.22 of
JIS C 5101-1
JIS C 5101-10
Test temperature : 60
+/−2°C
Relative humidity : 90 to 95%
Test time
: 500
+24/−0 h
Initial measurements prior to test shall
be made after the voltage
pre-conditioning specified in
Remarks (2).
Final measurements have been left at
room temperature as per Table3.
As per 4.22 of JIS C 5101-1
As per 4.14 of JIS C 5101-10
Test temperature : 60
+/−2°C
Relative humidity : 90 to 95%
Voltage
: Rated voltage
Test time : 500
+24/−0 h
Initial measurements prior to test shall
be made after the voltage
pre-conditioning specified in
Remarks (2).
Final measurements shall be made after
the specimens have been left at room
temperature as per Table3.
No.
13
Humidity
life test
14
Dielectric
loss
tangent
A N
A N
F N
F N
Within
+/−5.0%
Within
+/−25.0%
Within
+/−12.5%
Within
+/−30%
Appearance
Dielectric
tangent
Insulation
resistance
Change
rate from
initial value
Without mechanical damage.
C N
Rated voltage
25V,16V,10V
Rated voltage
6.3V
C N
Less than 200% of
initial spec.
Less than 150% of
initial spec.
Less than 200% of
initial spec.
Less than 150% of
initial spec.
A N
A N
F N
F N
Within
+/−7.5%
Appearance
Insulation
resistance
Change
rate from
initial value
Without mechanical damage.
C N
Not less than 1000M
Ω or
50M
Ω µF, whichever is less.
(For products with rated
voltage less than 16V, it is not less
than 1000M
Ω or 10MΩ µF,
whichever is less.)
Not less than 500M
Ω or
25M
Ω µF, whichever is less.
(For products with rated voltage less
than 16V, it is not less than 500m
Ω
or 5M
Ω µF, whichever is less.)
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
AN
CN, FN
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
AN
CN, FN
tan
δ 0.3%
<−
tan
δ 0.3%
<−
Within
+/−25.0%
Within
+/−12.5%
Within
+/−30%
C N
Rated voltage
25V,16V,10V
Rated voltage
6.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com