| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8569 bảng dữ liệu(PDF) 33 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8569 bảng dữ liệu(HTML) 33 Page - Wolfson Microelectronics plc |
|
33 / 36 page ![]() Product Preview WM8569 w PP Rev 1.1 December 2005 33 APPLICATIONS INFORMATION RECOMMENDED EXTERNAL COMPONENTS Figure 31 Recommended External Components Diagram RECOMMENDED EXTERNAL COMPONENTS VALUES COMPONENT REFERENCE SUGGESTED VALUE DESCRIPTION C1 and C5 10 µF De-coupling for DVDD and AVDD. C2 to C4 0.1 µF De-coupling for DVDD and AVDD. C8 and C9 1 µF Analogue input high pass filter capacitors C6 and C10 0.1 µF C7 and C11 10 µF Reference de-coupling capacitors for VMID and ADCREF pin. C12 10 µF Filtering for VREFP. Omit if AVDD low noise. R1 33 Ω Filtering for VREP. Use 0 Ω if AVDD low noise. Table 11 Recommended External Components Description Note: Further details for filtering on reference pins are available in Wolfson Application Note WAN0144. |