công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PRT2011CVL4A bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện PRT2011CVL4A
Giải thích chi tiết về linh kiện  i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRT2011CVL4A bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  PRT2011CVL4A Datasheet HTML 1Page - NXP Semiconductors PRT2011CVL4A Datasheet HTML 2Page - NXP Semiconductors PRT2011CVL4A Datasheet HTML 3Page - NXP Semiconductors PRT2011CVL4A Datasheet HTML 4Page - NXP Semiconductors PRT2011CVL4A Datasheet HTML 5Page - NXP Semiconductors PRT2011CVL4A Datasheet HTML 6Page - NXP Semiconductors PRT2011CVL4A Datasheet HTML 7Page - NXP Semiconductors PRT2011CVL4A Datasheet HTML 8Page - NXP Semiconductors PRT2011CVL4A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 08/2020
4
NXP Semiconductors
i.MX RT1064 Introduction
— Two Ultra Secure Digital Host Controller (uSDHC) interfaces
– MMC 4.5 compliance with HS200 support up to 200 MB/sec
– SD/SDIO 3.0 compliance with 200 MHz SDR signaling to support up to 100 MB/sec
– Support for SDXC (extended capacity)
— Two 10/100M Ethernet controller with support for IEEE1588
— Eight universal asynchronous receiver/transmitter (UARTs) modules
— Four I2C modules
— Four SPI modules
— Two FlexCAN modules
— FlexCAN (with Flexible Data-Rate supported)
— Three FlexIO modules
•
GPIO and Pin Multiplexing:
— General-purpose input/output (GPIO) modules with interrupt capability
— Input/output multiplexing controller (IOMUXC) to provide centralized pad control
The i.MX RT1064 processors integrate advanced power management unit and controllers:
•
Full PMIC integration, including on-chip DCDC and LDO
•
Temperature sensor with programmable trim points
•
GPC hardware power management controller
The i.MX RT1064 processors support the following system debug:
•
Arm CoreSight debug and trace architecture
•
Trace Port Interface Unit (TPIU) to support off-chip real-time trace
•
Cross Triggering Interface (CTI)
•
Support for 5-pin (JTAG) and SWD debug interfaces
The i.MX RT1064 processors support the following analog interfaces:
•
Two Analog-Digital-Converters (ADC), 16-channel for each, 20-channel in total, 1MSPS
•
Four Analog Comparators (ACMP)
Security functions are enabled and accelerated by the following hardware:
•
High Assurance Boot (HAB)
•
Data Co-Processor (DCP):
— AES-128, ECB, and CBC mode
— SHA-1 and SHA-256
— CRC-32
•
Bus Encryption Engine (BEE)
— AES-128, ECB, and CTR mode
— On-the-fly QSPI Flash decryption
•
True random number generation (TRNG)
•
Secure Non-Volatile Storage (SNVS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More