| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSK1933S-2 bảng dữ liệu(PDF) 3 Page - M.S. Kennedy Corporation |
|
|
|||||||||||||||||||||||||||||
MSK1933S-2 bảng dữ liệu(HTML) 3 Page - M.S. Kennedy Corporation |
|
3 / 6 page ![]() APPLICATION NOTES POWER SUPPLIES The input stage of the MSK 1933 requires power supplies of +20V and -10.5V for optimum operation. The negative power supply can be increased to -12V if -10.5V is not available, but additional power dissipation will cause the internal temperature to rise. Both low voltage power supplies should be effectively decoupled with tantalum capacitors (at least 4.7µF) connected as close to the amplifier's pins as possible. The MSK 1933 has internal 0.01µF capacitors that also improve high frequency performance. It is also recommended to put 0.1µF decoupling capacitors on the +20V and -10.5V supplies as well. Since the output stage is returned to +20V internally, all of the out- put current will flow through this supply pin. The high voltage power supply (-VHV) is connected to the amplifier's output stage and must be kept as stable as possible. The internal or external Rp is connected to -VHV and as such, the amplifier's DC output is directly related to the high voltage value. The -VHV pins of the hybrid should be decoupled to ground with as large a capacitor as possible to improve output stability. VIDEO OUTPUT When power is first applied and VIN=VGAIN=VOFF=0V, the output will be practically at the -VHV rail voltage. The output voltage is a function of the value of Rp and also the VGAIN and VOFF DC inputs. The maximum output voltage swing for any of the MSK 1933 variants is determined by Vpp = (250mA) x (Rp). The bandwidth of the amplifier largely depends on both Rp and Lp. Hybrid pins 12 and 13 are directly connected to Rp. Addi- tional external resistance can be added to reduce power dissi- pation, but slower transition times will result. If an additional resistor is used, it must be low capacitive and the layout should minimize capacitive coupling to ground (ie: no ground plane under Rp). The MSK 1933 Series is conservatively specified with low values for Lp which yield about 5% overshoot. Additional peak- ing can be obtained by using a high self-resonant frequency inductor in series with pins 12 & 13. Since this value of induc- tance can be very dependent on circuit layout, it is best to determine its value by experimentation. A good starting point is typically 0.47µH for the MSK 1933-0 and 0.0047µH for the remaining devices. If external resistors or inductors are not used, be sure to connect high frequency bypass capacitors directly from pins 12 and 13 to ground for the devices that contain an internal Rp. The VGAIN control (contrast) input is designed to allow the user to vary the video gain. By simply applying a DC voltage from 0V to VREF, the video gain can be linearly adjusted from 0 to 195V/V (MSK 1933-2). The VGAIN input should be connected to the VREF pin through a 5KΩ pot to ground. For convenient stable gain adjustment, a 0.1µF bypass capacitor should be con- nected near the VGAIN input pin to prevent output instability due to noisy sources. Digital gain control can be accomplished by connecting a D/A converter to the VGAIN pin. However, some temperature tracking performance may be lost when using an external DC voltage source other than VREF for gain adjustment. The bandwidth of the VGAIN input is approximately 1MHz. The overall video output of the MSK 1933 can be character- ized using the following expression: Vpp=VHV-VOUT VHV-VOUT=(VIN)(VGAIN)(Rp)(0.09) (or) Voltage Gain=VOUT/VIN=(VGAIN)(Rp)(0.09) Here is a sample calculation for the MSK 1932-2: Given information VIN=0.7V VGAIN=1VDC Rp=400Ω (internal) VHV=-80VDC VHV-VOUT=(0.7V)(1V)(400Ω)(0.09) VHV-VOUT=25.2V Nominal The expected video output would swing from approximately -80V to -54.8V assuming that VOFF=0V. This calculation should be used as a nominal result because the overall gain may vary as much as ±20% due to internal high speed device variations. Changing ambient conditions can also effect the video gain of the amplifier by as much as 150 PPM/°C. It is wise to connect all video amplifiers to a common heat sink to maximize thermal tracking when multiple amplifiers are used in applications such as RGB systems. Additionally, only one of the VREF outputs should be shared by all three amplifiers. This voltage should be buffered with a suitable low drift op-amp for best tracking per- formance. VGAIN CONTROL INPUT OUTPUT PROTECTION The output pin of the MSK 1933 should be protected from transients by connecting reversed biased ultra-low capacitance diodes from the output pin to both -VHV and ground. The out- put can also be protected from arc voltages by inserting a small value (25-50Ω) resistor in series with the amplifier. This resis- tor will reduce system bandwidth along with the load capaci- tance, but a series inductor can reduce the problem substan- tially. VIDEO INPUTS The video input signals should be kept below ±2VMAX total, including both common mode offset and signal levels. The input structure of the MSK 1933 was designed for ±0.714Vpp RS343 signals. If either input is not used it should be con- nected directly to the analog ground or through a 25Ω resistor to ground if input offset currents are to be minimized. SUPPLY SEQUENCING The power supply sequence is VHV, VCC, VEE followed by the other DC control inputs. If power supply sequencing is not possible, the time difference between each supply should be less than five milliseconds. If the DC control signals are being generated from a low impedance source other than the VREF output, reverse biased diodes should be connected from each input (VGAIN, VOFF) to the VCC pin. This will protect the inputs until VCC is turned on. Rev. A 8/00 3 |