| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KTS-84-R bảng dữ liệu(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KTS-84-R bảng dữ liệu(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 3 page ![]() MODEL: KTS KTS SPECIFICATIONS ES-3531 Rev.12 Page 2/3 http://www.m-system.co.jp/ SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating TERMINAL SCREW MATERIAL /S01: Stainless steel GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3.5 screw terminals Screw terminal: Chromated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Input to output to power Overrange output: Approx. -10 to +120 % at 1 – 5 V Zero adjustment: -5 to +5 % (front) Span adjustment: 95 to 105 % (front) At burnout: Downscale ≤ -10 %, Upscale ≥ 110 % Linearization: Standard Cold junction compensation (CJC): CJC sensor attached to the input terminals as standard; No CJC optional (B thermocouple is without CJC as standard.) INPUT SPECIFICATIONS Minimum span: 3 mV Offset: Max. 1.5 times span Input resistance: 30 kΩ min. Burnout sensing: 0.1 μA Minimum span (in °C) (PR): min. span 370°C K (CA): min. span 75°C E (CRC): min. span 50°C J (IC): min. span 60°C T (CC): min. span 75°C B (RH): min. span 780°C R: min. span 360°C S: min. span 380°C N: min. span 110°C Minimum span (in °F) (PR): min. span 670°F K (CA): min. span 140°F E (CRC): min. span 90°F J (IC): min. span 110°F T (CC): min. span 140°F B (RH): min. span 1410°F R: min. span 650°F S: min. span 690°F N: min. span 200°F Note: The described accuracy may be partially not satisfied when the temperature ranges below 0°C. Consult factory. OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 15 V max. ■ DC Voltage: -10 – +12 V DC Minimum span: 5 mV Offset: Max. 1.5 times span Load resistance: Output drive 10 mA max.; 5 mA for negative voltage output; at ≥ 0.5 V INSTALLATION Power input • AC: Operational voltage range: rating ±10 %, 50/60 ±2 Hz, approx. 2 VA •DC: Operational voltage range: rating ±10 % ripple 10 %p-p max., approx. 2.6 W (110 mA at 24 V) Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 350 g (0.77 lb) PERFORMANCE in percentage of span Accuracy: ±0.3 % (at over 400°C or 750°F for R, S and PR; over 770°C or 1420°F for B) Cold junction compensation error (at 20°C ±10°C or 68°F ±18°F; with CJC sensor) K, E, J, T, N: ±0.5°C or ±0.9°F S, R, PR: ±1°C or ±1.8°F Temp. coefficient: ±0.02 %/°C (±0.01 %/°F) (at over 400°C or 750°F for R, S and PR; over 770°C or 1420°F for B) Burnout response: ≤ 10 sec. Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output to power to ground) |