| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FC3470DFN22 bảng dữ liệu(PDF) 4 Page - First Silicon Co., Ltd |
|
|
|||||||||||||||||||||||||||||
FC3470DFN22 bảng dữ liệu(HTML) 4 Page - First Silicon Co., Ltd |
|
4 / 13 page ![]() Electrical Characteristics (VIN=12V, VOUT=3.3V, TA = 25°C, unless otherwise noted.) Parameter Conditions Min Typ Max Unit Input Voltage Range 4.5 18 V OVP Threshold 19.3 V UVLO Threshold 4.0 4.5 V Supply Current in Operation VEN=2.0V, VFB=1.1V 0.1 0.3 0.5 mA Supply Current in Shutdown VEN =0 5 10 μA Regulated Feedback Voltage TA = 25°C, 4.5V≤ VIN ≤18V 0.588 0.6 0.612 V High-side Switch On-Resistance 120 mΩ Low-side Switch On-Resistance 80 mΩ High-side Switch Leakage Current VEN=0V, VLX=0V 10 μA Switch Current Limit Minimum Duty Cycle 3 A Oscillation Frequency VFB=0.6V 500 600 700 kHz Maximum Duty Cycle 65 % EN Input High Level Voltage 1.50 V EN Input Low Level Voltage 0.40 V Soft Start Time 0.6 ms Hiccup on Time 1 ms Hiccup Time Before Restart 4 ms Minimum On-Time 80 ns Thermal Shutdown Threshold (Note 4) 155 °C Thermal Shutdown Hysteresis (Note 4) 25 °C Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: TJ is calculated from the ambient temperature TA and power dissipation PD according to the following formula: TJ = TA + PD x θJA. The maximum allowable continuous power dissipation at any ambient temperature is calculated by PD (MAX) = (TJ(MAX)-TA)/θJA. Note 3: Measured on JESD51-7, 4-layer PCB. Note 4: Thermal shutdown threshold and hysteresis are guaranteed by design. FC3470DFN22 2019. 11. 29 4/13 Revision No : 0 |