| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF3430QDBVRQ1 bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF3430QDBVRQ1 bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 38 page ![]() 9.2 Long-Term Stability One of the key parameters of the REF34-Q1 references is long-term stability. Typical characteristic expressed as: curves shows the typical drift value for the REF34-Q1 is 25 ppm from 0 to 1000 hours. This parameter is characterized by measuring 32 units at regular intervals for a period of 1000 hours. It is important to understand that long-term stability is not ensured by design and that the output from the device may shift beyond the typical 25 ppm specification at any time. For systems that require highly stable output voltages over long periods of time, the designer should consider burning in the devices prior to use to minimize the amount of output drift exhibited by the reference over time Hours 0 100 200 300 400 500 600 700 800 900 1000 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10 D022 Figure 9-4. Long Term Stability - 1000 hours (VREF) - DBV Package Hours 0 100 200 300 400 500 600 700 800 900 1000 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10 DGKl DGKl Figure 9-5. Long Term Stability - 1000 hours (VREF) - DGK Package 9.3 Thermal Hysteresis Thermal hysteresis is measured with the REF34-Q1 soldered to a PCB, similar to a real-world application. Thermal hysteresis for the device is defined as the change in output voltage after operating the device at 25°C, cycling the device through the specified temperature range, and returning to 25°C. Hysteresis can be expressed by Equation 1: 6 PRE POST HYST NOM | V V | V 10 ppm V § · u ¨ ¸ © ¹ (1) where • VHYST = thermal hysteresis (in units of ppm) • VNOM = the specified output voltage • VPRE = output voltage measured at 25°C pre-temperature cycling • VPOST = output voltage measured after the device has cycled from 25°C through the specified temperature range of –40°C to +125°C and returns to 25°C. www.ti.com REF34-Q1 SBAS901C – JULY 2018 – REVISED OCTOBER 2020 Copyright © 2020 Texas Instruments Incorporated Submit Document Feedback 13 Product Folder Links: REF34-Q1 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |