| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OPA191IDBVT bảng dữ liệu(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OPA191IDBVT bảng dữ liệu(HTML) 39 Page - Texas Instruments |
|
39 / 57 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Mar-2021 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples OPA191ID ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 OPA191 OPA191IDBVR ACTIVE SOT-23 DBV 5 3000 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 ZAMV OPA191IDBVT ACTIVE SOT-23 DBV 5 250 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 ZAMV OPA191IDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 ZANV OPA191IDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 ZANV OPA191IDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 OPA191 OPA2191ID ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 2191 OPA2191IDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 2191 OPA2191IDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 2191 OPA2191IDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 2191 OPA4191ID ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 125 OPA4191 OPA4191IDR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 125 OPA4191 OPA4191IRUMR ACTIVE WQFN RUM 16 3000 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 OPA 4191 OPA4191IRUMT ACTIVE WQFN RUM 16 250 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 OPA 4191 POPA4191IPWR ACTIVE TSSOP PW 14 2000 Non-RoHS & Non-Green Call TI Call TI -40 to 125 (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |