công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

REF3425-Q1 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện REF3425-Q1
Giải thích chi tiết về linh kiện  REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

REF3425-Q1 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  REF3425-Q1 Datasheet HTML 1Page - Texas Instruments REF3425-Q1 Datasheet HTML 2Page - Texas Instruments REF3425-Q1 Datasheet HTML 3Page - Texas Instruments REF3425-Q1 Datasheet HTML 4Page - Texas Instruments REF3425-Q1 Datasheet HTML 5Page - Texas Instruments REF3425-Q1 Datasheet HTML 6Page - Texas Instruments REF3425-Q1 Datasheet HTML 7Page - Texas Instruments REF3425-Q1 Datasheet HTML 8Page - Texas Instruments REF3425-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
7.5 Electrical Characteristics
At VIN = VOUT + VDO, COUT = 10 µF, CIN = 0.1 µF, IL = 0 mA, minimum and maximum specifications at TA = –40℃ to 125℃;
Typical specifications at TA = 25℃ unless otherwise noted
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ACCURACY AND DRIFT
Output voltage accuracy TA = 25℃
–0.05
0.05
%
Output voltage
temperature coefficient
(1)
2.5
6
ppm/
℃
LINE & LOAD REGULATION
ΔVO/ΔVIN
Line Regulation
VIN = VOUT + VDO (2) to 12 V
2
ppm/V
VIN = VOUT + VDO (2) to 12 V
15
ΔVO/ΔIL
Load Regulation
IL = 0 mA to 10mA, VIN
= VOUT+ VDO (3)
Sourcing
20
ppm/mA
Sourcing
30
IL = 0 mA to –10mA, VIN
= VOUT+ VDO (3)
Sinking, REF3425-Q1
40
Sinking, REF3430-Q1
43
Sinking, REF3433-Q1
48
Sinking, REF3440-Q1
60
Sinking, REF3450-Q1
70
Sinking, REF3425-Q1
70
Sinking, REF3430-Q1
75
Sinking, REF3433-Q1
84
Sinking, REF3440-Q1
98
Sinking, REF3450-Q1
140
NOISE
enp-p
Low frequency noise (4)
0.1Hz ≤ f ≤ 10Hz
5
µV p–p/V
0.1Hz ≤ f ≤ 10Hz (REF3440–Q1 and REF3450–
Q1)
3.8
en
Integrated wide band
noise
10Hz ≤ f ≤ 10kHz
24
µVrms
en
Output voltage noise
density
f = 1kHz
0.25
ppm/√Hz
f = 1kHz (REF3440–Q1 and REF3450–Q1)
0.2
LONG TERM STABILITY AND HYSTERESIS
Long-term stability (5)
DBV Package
0 to 1000h at 35
℃
25
ppm
1000h to 2000h at 35
℃
10
Long-term stability (5)
DGK Package
0 to 1000h at 35
℃
17
Output voltage thermal
hysteresis (6)
DBV Package
25°C, –40°C,125°C,
25°C Cycle 1
30
ppm
25°C, –40°C,125°C,
25°C Cycle 2
10
DGK Package
25°C, –40°C,125°C,
25°C Cycle 1
20
25°C, –40°C,125°C,
25°C Cycle 2
10
TURN-ON TIME
tON
Turn-on time
0.1% of output voltage settling, CL = 10 µF,
REF3425–Q1
2.5
ms
CAPACITIVE LOAD
CL
Stable output capacitor
range
0.1
10
µF
www.ti.com
REF34-Q1
SBAS901C – JULY 2018 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: REF34-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com