| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADAV803 bảng dữ liệu(PDF) 33 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV803 bảng dữ liệu(HTML) 33 Page - Analog Devices |
|
33 / 56 page ![]() ADAV803 Rev. 0 | Page 33 of 56 2 Table 20. Auxiliary Input Port Register RES RES RES CLKSRC1 CLKSRC0 SPMODE SPMODE1 SPMODE0 7 6 5 4 3 2 1 0 ADDRESS = 0000101 (0x05) CLKSRC1–0 Selects the clock source for generating the IAUXLRCLK and IAUXBCLK. 00 = Input port is a slave. 01 = Recovered PLL cock. 10 = Internal Clock 1. 11 = Internal Clock 2. SPMODE2–0 ut port. tified. right-justified. right-justified. ustified. Selects the serial format of auxiliary inp 000 = Left-jus 001 = I2S. 100 = 24-bit, 101 = 20-bit, 110 = 18-bit, right-justified. 111 = 16-bit, right-j Table 21. Record Por RES RES CLKSRC1 CLKSRC0 WLEN1 WLEN0 SPMODE1 SPMODE0 t Control Register 7 6 5 4 3 2 1 0 ADDRESS = 0000110 (0x06) CLKSRC1–0 Selects the clock source for gen RCLK and OBCLK. erating the OL 00 = Record port is a slave. covered PLL clock. lock 2. l output word length. record port. 01 = I2S. 10 = Reserved. 11 = Right-justified. 01 = Re 10 = Internal Clock 1. 11 = Internal C WLEN1–0 Selects the seria 00 = 24 bits. 01 = 20 bits. 10 = 18 bits. 11 = 16 bits. SPMODE1–0 Selects the serial format of the 00 = Left-justified. |