| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS4CT-S15-R bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
AS4CT-S15-R bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: AS4CT AS4CT SPECIFICATIONS ES-1603 Rev.13 Page 4/4 https://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Ry Ry Ry Ry Ry Ry LOAD Inductive Load (Coil) Varistor or Spark Quenching Circuit • DC Powered LOAD Inductive Load (Coil) Diode, Varistor or CR Circuit ■ Relay Protection • AC Powered U Base Socket U(+) V(–) POWER 7 8 Digital Computation Circuit 10 11 9 2 3 1 L2 OUTPUT L1 OUTPUT N.C. N.O. COM N.C. N.O. COM L1 L2 DATA ITEM • SPDT Relay Output ■ OUTPUT CODE: 5 Base Socket U(+) V(–) POWER 7 8 4 Digital Computation Circuit RMS Operation RMS Operation 10 11 9 2 3 1 L4 OUTPUT L1 OUTPUT COM L3 OUTPUT L2 OUTPUT COM L1 L3 DATA ITEM • N.O. Relay Output L2 L4 ■ OUTPUT CODE: 2 • N.C. Relay Output ■ OUTPUT CODE: 3 10 11 9 2 3 1 L4 OUTPUT L1 OUTPUT COM L3 OUTPUT L2 OUTPUT COM INPUT TRANS- FORMER LOAD SOURCE k l CT L K CT PROTECTOR model: CTM 5 6 4 INPUT TRANS- FORMER LOAD SOURCE k l CT L K CT PROTECTOR model: CTM 6 5 Specifications are subject to change without notice. |